Part Number Hot Search : 
U2N60 BGA2776 FMA3008 MX3J10 231549P C3005 S858TA1 C1622
Product Description
Full Text Search
 

To Download IH6208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0028; Rev 3; 9/01
Monolithic CMOS Analog Multiplexers
General Description
Maxim's DG508A and DG509A are monolithic CMOS analog multiplexers (muxes): the DG508A is a single 8-channel (1-of-8) mux, and the DG509A is a differential 4-channel (2-of-8) mux. Both devices guarantee break-before-make switching. Maxim guarantees these muxes will not latch up if the power supplies are turned off with the input signals still present. Maxim also guarantees continuous operation when these devices are powered by supplies ranging from 4.5V to 18V. The DG508A/DG509A are plug-in upgrades for the industry-standard DG08A/DG509A, respectively. Maxim's parts have lower on-resistance, faster enable switching times, and significantly lower leakage currents. The DG508A/ DG509A also consume significantly lower power, making them ideal for portable equipment. o Improved Second Source o Operate from 4.5V to 18V Supplies o Symmetrical, Bidirectional Operation o Logic and Enable Inputs, TTL and CMOS Compatible o Latchup-Proof Construction o Monolithic, Low-Power CMOS Design
Features
DG508A/DG509A
Ordering Information
PART DG508ACJ DG508ACWE DG508AC/D DG508ABK DG508ADJ DG508ADY DG508AEGE DG508AEWE DG508AAK TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -20C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 16 Plastic DIP 16 Wide SO Dice* 16 CERDIP 16 Plastic DIP 16 Narrow SO 16 QFN 16 Wide SO 16 CERDIP
Applications
Control Systems Data Logging Systems Aircraft Heads-Up Displays Data-Acquisition Systems Signal Routing
Ordering Information continued at end of data sheet. *Contact factory for dice specifications.
Typical Operating Circuits
TOP VIEW
Pin Configurations
A0 1 EN 2 V- 3 S1 4 16 A1 15 A2 14 GND
-15V
-15V
ANALOG INPUT (OUTPUTS) +15V V+ CLOCK IN N.C. BIN QB QC QD AIN Q r01 r02 GND A +15V N.C.
V+ GND VS1 S2 S3 DG508A S4 D S5 S6 S7 S8 A0 A1 A2 EN
DG508A
13 V+ 12 S5 11 S6 10 S7 9 S8
ANALOG OUTPUT (INPUTS)
S2 5 S3 6 S4 7 D8
A0 1 EN 2 V- 3 S1A 4 S2A 5 S3A 6 S4A 7
16 A1 15 GND 14 V+
DG509A
13 S1B 12 S2B 11 S3B 10 S4B 9 DB
ENABLE IN (MUX ON/OFF CONTROL)
DA 8
8-CHANNEL SEQUENTIAL MUX/DEMUX
DIP/SO
Typical Operating Circuits continued at end of data sheet.
Pin Configurations continued at end of data sheet. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Monolithic CMOS Analog Multiplexers DG508A/DG509A
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to VV+ ....................................................................................+44V GND ................................................................................ +25V Digital Inputs, VS and VD (Note 1)..................-2V to (V+ + 2V) or 20mA, whichever occurs first Current (any terminal, except S or D) .................................30mA Continuous Current, S or D .................................................20mA Peak Current, S or D (pulsed at 1ms, 10% duty cycle max) ..40mA Continuous Power Dissipation (TA = +70C) Plastic DIP (derate 10.53mW/C above +70C) ..........842mW QFN (derate 19.2mW/C above +70C) ....................1538mW Narrow SO (derate 8.70mWIC above +70C) ............696mW Wide SO (derate 9.52mW/C above +70C)................762mW CERDIP (derate 10.00mW/C above +70C) ...............800mW Operating Temperature Ranges: DG50_ACJ/CWE/CGE ........................................0C to +70C DG50_ABK ......................................................-20C to +85C DGS0_ADJ/DY/EWE/EGE ................................-40C to +85C DG50_AAK ....................................................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Signals on S_, D_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, GND = OV, TA = +25C, unless otherwise noted.)
PARAMETER SWITCH Analog Signal Range VANALOG Sequence each switch on, VAL = 0.8V, VAH = 2.4V (Note 4) VD = 10V, IS = -200A VD = 10V, IS = -200A -15 170 +15 300 -15 170 +15 350 130 300 130 350 V SYMBOL CONDITIONS DG508AA DG508AD/E/B/C DG509AA DG509AD/E/B/C MIN TYP MAX MIN TYP MAX UNITS
Drain-Source OnResistance
RDS(ON)
Greatest Change in Drain-Source OnResistance Between Channels Source OffLeakage Current Drain Off- DG508A Leakage Current DG509A DG508A
RDS(ON)
R max - RDS(ON) min RDS(ON) = DS(ON) , RDS(ON)
6
6
%
-10V VS 10V IS(OFF) VEN = 0V VS = 10V, VD = -10V VS = -10V, VD = 10V VD = 10V, VS = -10V VD = 10V, VS = -10V VD = 10V, VS = -10V VD = -10V, VS = 10V -0.5 -2 -2 -2 0.002 -0.005 0.01 -0.015 0.005 -0.008 0.015 -0.03 0.007 -2 -0.015 2 -5 2 -5 2 -5 2 -5 0.5 -1 0.002 -0.005 0.01 -0.015 0.005 -0.008 0.015 -0.03 0.007 -0.015 5 nA 5 5 5 nA 1 nA
ID(OFF)
VEN = 0V
Drain OnLeakage Current
ID(ON) DG509A
Sequence each VS(all) = VD = 10V switch on, VS(all) = VD = -10V VAL = 0.8V VS(all) = VD = 10V VAH = 2.4V (Note 2) VS(all) = VD = -10V
2
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, GND = OV, TA = +25C, unless otherwise noted.)
PARAMETER LOGIC INPUT Logic Input Current, Input Voltage High Logic Input Current, Input Voltage Low DYNAMIC Multiplexer Switching Time Break-Before-Make Interval Enable Turn-On Time Enable Turn-Off Time Off-Isolation Source Off-Capacitance Drain OffCapacitance DGS09A SUPPLY Positive Supply Current IDG508A IAH IAL VA = 24V VA = 15V All VA = 0V Figure 1 Figure 3 Figure 2 Figure 2 VEN = 0V, RL = 1k, CL = l5pF, VS = 7VRMS f = 500kHz (Note 3) VS = 0V, VEN = 0V, f = 140kHz VS = 0V, VEN = 0V, f = 140kHz VEN = 2.4V VEN = 0V -10 -10 -10 -0.002 0.006 -0.002 -0.002 0.6 0.2 0.4 0.2 68 5 25 12 0.02 -0.1 -0.01 0.02 -0.1 4.5 -0.01 18.0 0.2 -0.1 4.5 0.2 -0.1 1.0 0.7 1. 0 10 10 -10 10 -0.002 0.006 -0.002 -0.002 0.6 0.2 0.4 0.2 68 5 25 12 0.02 -0.01 0.02 -0.01 18.0 0.2 0.2 1.5 1.0 1. 0 10 A A SYMBOL CONDITIONS DG508AA DG509AA MIN TYP MAX DG508AD/E/B/C DG509AD/E/B/C MIN TYP MAX UNITS
DG508A/DG509A
ttransition tOPEN tON(EN) tOFF(EN) OIRR CS(OFF) CD(OFF)
s s s s dB pF pF
I+ II+ IV-, V+
VEN = 2.4V, all VA = 0V or 2.4V VEN = 2.4V, all VA = 0V or 2.4V VEN = 0V, all VA = 0V or 2.4V VEN = 0V, all VA = 0V or 2.4V (Notes 4, 5)
mA mA mA mA V
Negative Supply Current Positive Supply Current in Standby Negative Supply Current in Standby Power-Supply Range for Continuous Operation
_______________________________________________________________________________________
3
Monolithic CMOS Analog Multiplexers DG508A/DG509A
ELECTRICAL CHARACTERISTICS
(V+ = 15V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
DG508AA DG509AA MIN TYP MAX DG508AD/E/B/C DG509AD/E/B/C MIN TYP MAX
PARAMETER SWITCH Analog Signal Range
SYMBOL
CONDITIONS
UNITS
VANALOG Sequence each switch on, VAL = 0.8V, VAH = 2.4V VEN = 0V VD = 10V, IS = -200A VD = 10V, IS = -200A VS = 10V, VD = -10V VS = -10V, VD = -10V VD = 10V, VS = -10V ID(OFF) VEN = 0V VD = -10V, VS = -10V VD = 10V, VS = -10V VD = -10V, VS = -10V Sequence each switch on, VS(all) = VD = -10V VAL = 0.8V, VS(all) = VD = 10V VAH = 2.4V (Note 2) VS(all) = VD = -10V VA = 2.4V VA = 15V All VA = 0V VEN = 2.4V VEN = 0V VS(all) = VD = 10V
-15
+15 400 400 +50
-15
+15 450
V
Drain-Source OnResistance
RDS(ON)
450 +50 -50 +200 -200 +200 -100 +200 -200 +100 -100 -30 +30 -30 -30 -30 -30 -100 -30 +30 -100 nA +100 -100 +100 -200 +100 +100 nA nA
Source Off-Leakage Current Drain OffLeakage Current DG508A DG509A
IS(OFF)
-50
Drain OnLeakage Current
DG508A ID(ON) DG509A
LOGIC INPUT Logic Input Current, Input Voltage High Logic Input Current, Input Voltage Low IAH IAL A A
Note 2: ID(ON) is leakage from driver into on switch.
Note 3: Off-isolation = 20log
IVSI IVDI
VS = input to off switch, VD = output due to VS. Note 4: Electrical characteristics (such as on-resistance) change when power supplies other than 15V are used. Note 5: For designs requiring single 5V or dual 5V operation, refer to Maxim's improved MAX338 and MAX339. Minimum operating voltage for DG508ADY and DG509ADY is 9V.
4
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers
Pin Description
PIN DG508A DIP/SO QFN 1, 15, 16 -- 2 3 4-7 -- 8 -- 9-12 -- 13 14 15, 14, 13 -- 16 1 2-5 -- 6 -- 7-10 -- 11 12 DG509A DIP/SO QFN -- 1, 16 2 3 -- 4-7 -- 8, 9 -- 10-13 14 15 -- 15, 14 16 1 -- 2-5 -- 6, 7 -- 8-11 12 13 NAME A0, A2, A1 A0, A1 EN VS1-S4 S1A-S4A D DA, DB S8-S5 S4B-S1B V+ GND Address Input Address Input Enable Negative-Supply Voltage Input Analog Inputs, Bidirectional Analog Inputs, Bidirectional Analog Outputs, Bidirectional Analog Outputs, Bidirectional Analog Inputs, Bidirectional Analog Inputs, Bidirectional Positive-Supply Voltage Input Ground FUNCTION
DG508A/DG509A
Functional Diagrams
V+ VGND V+ VGND
S1 S2 S3 S4 S5 S6 S7 S8 DG508A CMOS DECODE LOGIC D
S1A S2A S3A S4A S1B S2B S3B S4B DG509A CMOS DECODE LOGIC DB DA
A2
A1
A0
EN
A1
A0
EN
DG508A 8-CHANNEL SINGLE ENDED MULTIPLEXER
DG509A DIFFERENTIAL 4-CHANNEL MULTIPLEXER
_______________________________________________________________________________________
5
Monolithic CMOS Analog Multiplexers DG508A/DG509A
+2.4V
+15V V+
+2.4V
+15V V+ EN DG509A S1
EN
S1
10V
10V
S2-S7 A0 A1 A2 LOGIC INPUT GND 50 -15V V1M DG508A S8 D SWITCH OUTPUT VD 35pF A0 A1 LOGIC INPUT GND 50
S1A-S4A, DA, S2B, S3B S4B DB V1M -15V SWITCH OUTPUT VDS 35pF
Figure 1a. Switching-Time Test Circuit
Figure 1b. Switching-Time Test Circuit
+15V V+ EN S1 -5V EN DG509A S2-S7 A0 A1 A2 LOGIC INPUT 50 -15V D GND V1k SWITCH OUTPUT VD 35pF DG508A A0 A1 LOGIC INPUT 50
+15V V+ S1B -5V
S1A-S4A, DA, S2B, S3B
DB GND V1k -15V
SWITCH OUTPUT VDS 35pF
Figure 2a. DG509A Enable-Time Test Circuit
Figure 2b. DG509A Enable-Time Test Circuit
6
_______________________________________________________________________________________
Monolithic CMOS Analog Multiplexers DG508A/DG509A
LOGIC INPUT tr < 20ns tf < 20ns 3V 50% 0 VS1
DG508A DG509A ALL S AND DA +5V
+2.4V
+15V
EN
SWITCH OUTPUT VD (SEE FIG. 1) TRANSITION TIME
SWITCH OUTPUT VD
0.8VS1 0
LOGIC INPUT
A0, A1, (A2) GND 50
0.8VS8 VS8 ttransition S1ON tON (EN) S8ON ttransition tOFF (EN)
DB, D V1k -15V
35pF
Figure 3. Break-Before-Make Test Circuit
0 SWITCH 0.1V0 OUTPUT VD (SEE FIG. 2) TENABLE t(ON) t(OFF) TIME 0.9V0 V0 VS SWITCH OUTPUT VD (SEE FIG. 3) OPEN TIME (B.B.M INTERVAL) VS 50% 0V topen
Figure 4. Timing Diagram for Figures 1, 2, and 3
Table 1a. DG508A Truth Table
A2 X 0 0 0 0 1 1 1 1 A1 X 0 0 1 1 0 0 1 1 A0 X 0 1 0 1 0 1 0 1 EN 0 1 1 1 1 1 1 1 1 ON SWITCH NONE 1 2 3 4 5 6 7 8
Table 1 b. DG509A Truth Table
A1 X 0 0 1 1 A0 X 0 1 0 1 EN 0 1 1 1 1 ON SWITCH NONE 1 2 3 4
X = Don't care.
X = Don't care.
_______________________________________________________________________________________
7
Monolithic CMOS Analog Multiplexers DG508A/DG509A
Typical Operating Circuits (continued)
-15V -15V
Ordering Information (continued)
PART DG509ACJ DG509ACWE DG509AC/D DG509ABK TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -20C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 16 Plastic DIP 16 Wide SO Dice* 16 CERDIP 16 Plastic DIP 16 Narrow SO 16 QFN 16 Wide SO 16 CERDIP
DIFFERENTIAL ANALOG INPUTS (OUTPUTS)
V+ GND VS1A S2A DA S3A S4A DG509A S1B DB S2B S3B S4B A0 A1 EN
DIFFERENTIAL ANALOG OUTPUTS (INPUTS)
DG509ADJ DG509ADY DG509AEGE DG509AEWE DG509AAK
+15V
*Contact factory for dice specifications.
CLOCK IN Q J 1/2MM747C73 CLOCK K CLEAR GND RESET ENABLE DIFFERENTIAL 4-CHANNEL SEQUENTIAL MUX/DEMUX Q N.C. Q J 1/2MM747C73 K GND Q
Pin Configurations (continued)
EN EN
A0
A1
A0
16
15
14
13
16
15
14
A1
A2
TOP VIEW
VS1 S2 S3
1 2 3 4 5 6 7 8
12 11
GND V+ S5 S6
VS1A S2A S3A
1 2 3 4 5 6 7 8
13
GND
12 11
V+ S1B S2B S3B
DG508
10 9
DG509
10 9
S4
S8
S7
D
S4A
DB
DA
QFN
QFN
8
_______________________________________________________________________________________
S4B
Monolithic CMOS Analog Multiplexers
Chip Topographies
DG508A/DG509A
_______________________________________________________________________________________
9
Monolithic CMOS Analog Multiplexers DG508A/DG509A
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE, 16,20,28,32L QFN, 5x5x0.90 MM 1
21-0091
I
2
10
______________________________________________________________________________________
32L QFN.EPS
Monolithic CMOS Analog Multiplexers
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
DG508A/DG509A
PACKAGE OUTLINE, 16,20,28,32L QFN, 5x5x0.90 MM 2
21-0091
I
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11 (c) 2001 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of IH6208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X